Part Number Hot Search : 
LHR974 A1S109 DTD143TK 2SA1739 60103 LMR12WD CSD2425 001444
Product Description
Full Text Search
 

To Download AVF150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AVF150
NPN SILICON RF POWER TRANSISTOR
PACKAGE STYLE .250 2L FLG (B)
A
DESCRIPTION:
The ASI AVF150 is Designed for
B C
.100 X 45 OD .088 x 45 CHAMFER
FEATURES:
* * * OmnigoldTM Metalization System
E F G H J K
I
MAXIMUM RATINGS
IC VCC PDISS TJ TSTG JC 11 A 55 V 400 W @ TC = 25 OC -65 OC to +250 OC -65 C to +200 C 0.6 OC/W
O O
DIM A B C D E F G H I J K
MINIMUM
inches / mm
MAXIMUM
inches / mm
.095 / 2.41 1.050 / 26.67 .245 / 6.22 .120 / 3.05 .552 / 14.02 .790 / 20.07
.105 / 2.67
.255 / 6.48 .140 / 3.56 .572 / 14.53 .810 / 20.57 .285 / 7.24
.003 / 0.08 .052 / 1.32 .120 / 3.05
.007 / 0.18 .072 / 1.83 .130 / 3.30 .210 / 5.33
ORDER CODE: ASI10570
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICES hFE PG C IC = 10 mA IC = 15 mA
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
65 65 3.5 12.5
UNITS
V V V mA --dB %
IE = 1.0 mA VCE = 50 V VCE = 5.0 V VCC = 43 V MHz IC = 1.0 A POUT = 150 W f = 1030 - 1090
15 8.5 40
120
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of AVF150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X